Part Number Hot Search : 
SD1030YT AD536AJQ 65N20 PC816 PC816 R1131X HN1V02H C3504
Product Description
Full Text Search
 

To Download RHFXH162244K-01Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 54VCXH162244
Low voltage CMOS 16-bit bus buffer (3-state inverter) with 3.6V tolerant inputs and outputs
Features

1.65 to 3.6V inputs and outputs High speed: - tPD = 3.4ns at VCC = 3.0 to 3.6V - tPD = 3.8ns at VCC = 2.3 to 2.7V Power down protection on inputs and outputs Symmetrical output impedance: - |IOH| = IOL = 12mA (Min) at VCC = 3.0V - |IOH| = IOL = 8mA (Min) at VCC = 2.3V 26 serie resistors in outputs Operating voltage range: - VCC(Opr) = 1.65V to 3.6V Pin and function compatible with 54 SERIES H162244 Bus hold provided on data inputs Cold spare function Latch-up performance exceeds 300mA (JESD 17) ESD performance: - HBM > 2000V (MIL STD 883 method 3015); MM > 200V 300KRad Mil1019.6 Condition A, (RHA QML qualification extension undergone) No SEL, no SEU under 72 Mev/cm2/mg LET heavy ions irradiation QML qualified product SMD 5962-05210
Flat-48

Description
The 54VCXH162244 is a low voltage CMOS 16 bit bus buffer (non inverted) fabricated with submicron silicon gate and five-layer metal wiring C2MOS technology. It is ideal for low power and very high speed 1.65 to 3.6V applications; it can be interfaced to 3.6V signal environment for both inputs and outputs. Any nG output control governs four BUS buffers. Output Enable input (nG) tied together gives full 16-bit operation. When nG is low, the outputs are on. When nG is HIGH, the output are in high impedance state. This device is designed to be used with 3 state memory address drivers, etc. Bus hold on data inputs is provided in order to eliminate the need for external pull-up or pull-down resistor. The device circuits is including 26 series resistance in the outputs. These resistors permit to reduce line noise in high speed applications. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.


July 2007
Rev 5
1/17
www.st.com 17
Contents
54VCXH162244
Contents
1 2 Logic symbols and I/O equivalent circuit . . . . . . . . . . . . . . . . . . . . . . . . 3 Pin settings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 2.2 2.3 Pin connection . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Truth table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
3
Maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3.1 Recommended operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
4 5 6 7 8 9
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Order code . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
2/17
54VCXH162244
Logic symbols and I/O equivalent circuit
1
Logic symbols and I/O equivalent circuit
Figure 1. IEC logic symbols
Figure 2.
Input and output equivalent circuit
3/17
Pin settings
54VCXH162244
2
2.1
Pin settings
Pin connection
Figure 3. Pin connection (top through view)
4/17
54VCXH162244
Pin settings
2.2
Pin description
Table 1. Pin description
Pin N 1 2, 3, 5, 6 8, 9, 11, 12 13, 14, 16, 17 19, 20, 22, 23 24 25 30, 29, 27, 26 36, 35, 33, 32 41, 40, 38, 37 47, 46, 44, 43 48 4, 10, 15, 21, 28, 34, 39, 45 7, 18, 31, 42 Symbol 1G 1Y1 to 1Y4 2Y1 to 2Y4 3Y1 to 3Y4 4Y1 to 4Y4 4G 3G 4A1 to 4A4 3A1 to 3A4 2A1 to 2A4 1A1 to 1A4 2G GND VCC Name and function Output enable input Data Outputs Data Outputs Data Outputs Data Outputs Output Enable Input Output Enable Input Data Outputs Data Outputs Data Outputs Data Outputs Output Enable Input Ground (0V) Positive Supply Voltage
2.3
Truth table
Table 2. Truth table
Inputs G L L H An L H X Output Yn L H Z
Note:
X = Do not care; Z = High Impedance
5/17
Maximum rating
54VCXH162244
3
Maximum rating
Stressing the device above the rating listed in the "Absolute Maximum Ratings" table may cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and other relevant quality documents. Table 3. Absolute maximum ratings
Symbol VCC VI VO VO IIK IOK IO ICC or IGND PD Tstg TL Supply voltage DC input voltage DC output voltage (OFF State) DC output voltage (high or low state) (1) DC input diode current DC output diode current (2) DC output current DC VCC or ground current per supply pin Power dissipation Storage temperature Lead temperature (10 sec) Parameter Value -0.5 to +4.6 -0.5 to +4.6 -0.5 to +4.6 -0.5 to VCC + 0.5 - 50 - 50 50 100 400 -65 to +150 260 Unit V V V V mA mA mA mA mW C C
1. IO absolute maximum rating must be observed 2. VO < GND, VO > VCC
3.1
Recommended operating conditions
Table 4. Recommended operating conditions
Symbol VCC VI VO VO IOH, IOL IOH, IOL Top dt/dv Supply voltage Input voltage Output voltage (OFF State) Output voltage (High or Low State) High or low level output current (VCC = 3.0 to 3.6V) High or low level output current (VCC = 2.3 to 2.7V) Operating temperature Input rise and fall time (1) Parameter Value 1.8 to 3.6 -0.3 to 3.6 0 to 3.6 0 to VCC 12 8 -55 to 125 0 to 10 Unit V V V V mA mA C ns/V
1. VIN from 0.8V to 2V at VCC = 3.0V
6/17
54VCXH162244
Electrical characteristics
4
Electrical characteristics
Table 5. DC specifications (2.7V < VCC < 3.6V unless otherwise specified)
Test condition Symbol Parameter VCC (V) Value -55 to 125C Min 2.0 2.7 to 3.6 VIL Low level input voltage 2.7 to 3.6 VOH High level output voltage 2.7 3.0 2.7 to 3.6 VOL Low level output voltage 2.7 3.0 II Input leakage current 2.7 to 3.6 3.0 II(HOLD) Input hold current 3.6 Ioff Power off leakage current High impedance output leakage current Quiescent supply current ICC incr. per Input 0 IO = -100A IO = -6mA IO = -8mA IO = -12mA IO = 100A IO = 6mA IO = 8mA IO = 12mA VI = VCC or GND VI = 0.8V VI = 2V VI = 0 to 3.6V VI or VO = 0 to 3.6V VI = VIH or VIL VO = 0 to 3.6V VI = VCC or GND 2.7 to 3.6 VI or VO = VCC to 3.6V VIH = VCC - 0.6V 75 -75 500 10 A A A VCC-0.2 2.2 V 2.4 2.2 0.2 0.4 V 0.5 0.8 5 A 0.8 V Max Unit
VIH
High level input voltage
IOZ
2.7 to 3.6
10 20 20 750
ICC ICC
A A
2.7 to 3.6
7/17
Electrical characteristics
54VCXH162244
Table 6. DC specifications (2.3V < VCC < 2.7V unless otherwise specified)
Test condition Symbol Parameter VCC (V) Value -55 to 125 C Min 1.6 2.3 to 2.7 VIL Low level input voltage 2.3 to 2.7 VOH High level output voltage IO=-100 A IO=-4 mA 2.3 IO=-6 mA IO=-8 mA 2.3 to 2.7 VOL Low level output voltage 2.3 IO=100 A IO=6 mA IO=8 mA II II(HOLD) Ioff Input leakage current 2.3 to 2.7 Input hold current Power off leakage current High impedance output leakage current Quiescent supply current 2.3 VI = VCC or GND VI = 0.7V VI = 1.7V 0 VI or VO = 0 to 3.6V VI = VIH or VIL VO = 0 to 3.6V VI = VCC or GND 2.3 to 2.7 VI or VO = VCC to 3.6V 45 -45 10 A A VCC-0.2 2.0 V 1.8 1.7 0.2 0.4 0.6 5 A A V 0.7 V Max Unit
VIH
High level input voltage
IOZ
2.3 to 2.7
10 20 20
ICC
A
8/17
54VCXH162244 Table 7. Dynamic switching characteristics (TA = 25C, Input tr = tf = 2.0ns, CL = 30pF, RL = 500)
Test condition Symbol Parameter VCC (V) 2.5 3.3 2.5 3.3 2.5 3.3 VIL = 0V VIH = VCC VIL = 0V VIH = VCC VIL = 0V VIH = VCC
Electrical characteristics
Value TA = 25 C Min Typ 0.25 V 0.35 -0.25 V -0.35 2.05 V 2.65 Max Unit
VOLP
Dynamic low voltage quiet output (1) (2) Dynamic low voltage quiet output (1) (2) Dynamic high voltage quiet output (2) (3)
VOLV
VOHV
1. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the LOW state. 2. Parameters guaranteed by design. 3. Number of outputs defined as "n". Measured with "n-1" outputs switching from HIGH to LOW or LOW to HIGH. The remaining output is measured in the HIGH state.
Table 8. AC electrical characteristics (CL = 30pF, RL = 500, Input tr = tf = 2.0ns)
Test condition Symbol Parameter VCC (V) 2.3 to 2.7 3.0 to 3.6 2.3 to 2.7 Output enable time 3.0 to 3.6 2.3 to 2.7 Output disable time 3.0 to 3.6 Output to output skew time (1) (2) 2.3 to 2.7 3.0 to 3.6 0.8 4.0 0.5 ns 0.5 0.8 1.0 4.2 4.5 ns Value -55 to 125 C Min 1.0 0.8 1.0 Max 5.2 ns 5.0 5.8 ns Unit
tPLH tPHL
Propagation delay time
tPZL tPZH
tPLZ tPHZ
tOSLH tOSHL
1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two outputs of the same device switching in the same direction, either HIGH or LOW (tOSLH = | tPLHm - tPLHn|, tOSHL = | tPHLm - tPHLn|) 2. Parameter guaranteed by design
9/17
Electrical characteristics
54VCXH162244
Table 9. Capacitive characteristics
Test condition Symbol Parameter VCC (V) 2.5 or 3.3 2.5 or 3.3 2.5 or 3.3 VIN = 0 or VCC VIN = 0 or VCC fIN = 10MHz VIN = 0 or VCC Value TA = 25 C Min Typ 6 7 20 Max pF pF pF Unit
CIN COUT CPD
Input capacitance Output capacitance Power dissipation capacitance (1)
1. CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/16 (per circuit)
10/17
54VCXH162244
Test circuit
5
Test circuit
Figure 4. Test circuit
Table 10. Test circuit
Test tPLH, tPHL tPZL, tPLZ (VCC = 3.0 to 3.6V) tPZL, tPLZ (VCC = 2.3 to 2.7V) tPZH, tPHZ Switch Open 6V 2VCC GND
CL = 10/30pF or equivalent (includes jig and probe capacitance) RL = R1 = 500 or equivalent RT = ZOUT of pulse generator (typically 50)
11/17
Waveforms
54VCXH162244
6
Waveforms
Table 11. Waveform symbol value
Symbol 3.0 to 3.6V VIH VM VX VY 2.7V 1.5V VOL +0.3V VOH -0.3V VCC 2.3 to 2.7V VCC VCC/2 VOL +0.15V VOH -0.15V
Figure 5.
Waveform - propagation delay (f = 1MHz; 50% duty cycle)
12/17
54VCXH162244 Figure 6.
Waveforms Waveform - output enable and disable time (f = 1MHz; 50% duty cycle)
13/17
Package mechanical data
54VCXH162244
7
Package mechanical data
54VCXH162245 Products are supplied into ceramic body / metal lid hermetic Flat 48-pin space package Table 12. Flat-48 (MIL-STD-1835) mechanical data
Dim. A b c D E E2 E3 e f L Q S1 6.85 0.66 0.25 mm Min 2.18 0.20 0.12 15.57 9.52 6.22 1.52 Typ 2.47 0.254 0.15 15.75 9.65 6.35 1.65 0.635 0.20 8.38 0.79 0.43 9.40 0.92 0.61 0.270 0.026 0.010 Max 2.72 0.30 0.18 15.92 9.78 6.48 1.78 Min 0.086 0.008 0.005 0.613 0.375 0.245 0.060 inch Typ 0.097 0.010 0.006 0.620 0.380 0.250 0.065 0.025 0.008 0.330 0.031 0.017 0.370 0.036 0.024 Max 0.107 0.012 0.007 0.627 0.385 0.255 0.070
Figure 7.
Package dimension
7330585B 14/17
54VCXH162244
Order code
8
Order code
Table 13. Order code
Flight model Package Lead finish Gold Flat-48 Gold Solder dip Radiation level QML-V 300kRad 100kRad 100kRad RHFXH162244K-01V RHRXH162244K-01V RHRXH162244K-02V QML-Q RHFXH162244K-01Q RHRXH162244K-01Q RHRXH162244K-02Q Engineering model RHRXH162244K1 RHRXH162244K1 Use the above one
15/17
Revision history
54VCXH162244
9
Revision history
Table 14. Revision history
Date 09-Jul-2004 17-May-2005 19-Jun-2006 11-Apr-2007 30-Jul-2007 Revision 1 2 3 4 5 First Release SMD Qualified. 300Krad bullet updated, new template, mechanical data updated Updated coverpage features Typo in Table 12 on page 14 Changes
16/17
54VCXH162244
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2007 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
17/17


▲Up To Search▲   

 
Price & Availability of RHFXH162244K-01Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X